PART |
Description |
Maker |
74LVTH16646MEAX 74LVT16646MEAX |
8K, 1K X 8, 16B PAGE, 2.5V SER EE IND, -40C to 85C, 8-TSSOP, T/R 位总线收发 512K, 64K X 8, 2.5V SER EE, IND, -40C to 85C, 8-SOIC 208mil, T/R 位总线收发
|
TE Connectivity, Ltd. Fairchild Semiconductor, Corp.
|
AD5325BRMZ-REEL7 AD5340 AD5341 AD5342 AD5300 AD533 |
2.5 V to 5.5 V, 500 µA, 2-Wire Interface Quad Voltage Output 12-Bit DAC in a 10-Lead MicroSOIC Package; Package: MSOP; No of Pins: 10; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO10 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface 2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface
|
Analog Devices, Inc.
|
IS24C08-2 IS24C08-2G IS24C08-2GI IS24C08-2P IS24C0 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit2-WIRESERIALCMOSEEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
ETC[ETC]
|
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TC9WMB1FK |
1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
|
Toshiba Semiconductor
|
SMLV56RGB1W12Y |
SMLV56 Series
|
Rohm
|
IS24C02B-2PI |
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
SML-D13Y8W SML-D13P8W SML-D12D8W SML-D13D8W |
SML-D1 Series EXCELED
|
Rohm
|
GET-30569 |
Qualification Test Results on NE272 ser es
|
CEL[California Eastern Labs]
|
FM24C04 FM24C04U FM24C04UE FM24C04UL FM24C04ULZ FM |
I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 80POS DUAL SMD 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 4K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
24LC32A-I/MS |
32K, 4K X 8, 2.5V SER EE IND, -40C to 85C, 8-MSOP, TUBE
|
Microchip Technology
|
5050871-1 |
Discrete Sockets; SOCKET,MIN-SPR W/H SN-AU SER-5 ( AMP )
|
Tyco Electronics
|
|